Part Number Hot Search : 
ZM4736A MEH12XBA RT916907 G270C MR24PD34 MAX11207 15KP220A 1991254
Product Description
Full Text Search
 

To Download UET1E221MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u 1 e 2 t 3 1 4 a 5 4 6 7 7 0 8 m 9 e 10 d 11 configuration capacitance tolerance (20%) rated capacitance (47 m f) rated voltage (10v) series name type p 0.5 f d p f d 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 l + max (l < 20) 1.5 (l 20) 2.0 f d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 810 pd 12.5 16 hd configuration (mm) 15 min 4 min f d + 0.5max f d sleeve ( p.e.t. ) pressure relief vent ( f 6.3up) aluminum electrolytic capacitors et series bi-polarized, wide temperature range bi-polarized series for operations over wide temperature range of 55 ~ +105 c . adapted to the rohs directive (2002/95/ec). radial lead type type numbering system (example : 10v 47 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 55 ~ +105 c 6.3 ~ 100v 0.47 ~ 1000f 20% at 120hz, 20 c after 5 minutes' application of rated voltage, leakage current is not more than 0.03cv or 3 (a), whichever is greater. printed with white color letter on black sleeve. measurement frequency : 120hz, temperature : 20 c measurement frequency : 120hz after 1000 hours' application of rated voltage at 105 c with the polarity inverted every 250 hours, capacitors meet the characteristic requirement listed at right. after storing the capacitors under no load at 105 c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the specified value for endurance characteristics listed above. et vp rated voltage (v) tan (max.) 6.3 0.24 10 0.20 16 0.16 25 0.16 35 0.14 50 0.12 63 0.10 100 0.09 z 25 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 ( max. ) 6.3 4 8 10 3 6 16 2 4 25 2 4 35 2 3 50 2 3 63 2 3 100 2 3 high temperature leakage current tan capacitance change within 20% of initial value 200% or less of initial specified value initial specified value or less please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. frequency coefficient of rated ripple current cap.(f) 0000 ~ 47 00 0 100 ~ 470 0 1000 50 hz 120 hz 300 hz 1 khz 10 khz ~ 0.75 1.00 1.35 1.57 2.00 0.80 1.00 1.23 1.34 1.50 0.85 1.00 1.10 1.13 1.15 frequency 5 11 5 11 6.3 11 8 11.5 8 11.5 10 12.5 10 20 12.5 20 12.5 25 16 25 42 57 67 125 204 275 371 668 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 16 25 16 31.5 10 15 22 32 39 64 114 164 200 304 rated ripple 26 31 53 96 129 157 275 486 8 12 18 22 29 51 82 107 146 264 443 593 25 40 68 89 111 196 364 493 586 30 51 63 89 139 279 346 460 746 5 11 6.3 11 6.3 11 10 12.5 10 16 10 20 12.5 20 16 25 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 dimensions r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 5 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 46 61 104 168 229 300 550 0j rated ripple (marms) at 105 c 120hz 6.3 1a 10 1c 16 1e 25 1v 35 1h 50 1j 2a 63 100 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 20 12.5 25 16 25 5 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 25 6.3 11 6.3 11 8 11.5 10 16 10 20 10 20 12.5 25 16 31.5 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 25 12.5 25 16 25 16 31.5 23 34 55 79 100 164 336 414 543 871 case size d l (mm) v code cap. (f) please refer to page 21 about the end seal configulation. cat.8100v


▲Up To Search▲   

 
Price & Availability of UET1E221MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X